Part Number Hot Search : 
1N4971C U4065B XF001 A471J X0404NF RCB0610 8062M U05NH44
Product Description
Full Text Search
 

To Download NACV820M400V8X108TR13F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Aluminum Electrolytic Capacitors
FEATURES * CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNT * HIGH VOLTAGE (160VDC AND 400VDC) * 8 x10.8mm ~ 16 x17mm CASE SIZES * LONG LIFE (2000 HOURS AT +105OC) includes all homogeneous materials * DESIGNED FOR REFLOW SOLDERING *See Part Number System for Details
NACV Series
RoHS Compliant
CHARACTERISTICS
Rated Voltage Range Rated Capacitance Range Operating Temperature Range Capacitance Tolerance Max. Leakage Current After 2 Minutes Max. Tan @ 120Hz Z-25C/Z+20C Low Temperature Stability (Impedance Ratio @ 120Hz) Z-40C/Z+20C Capacitance Change High Temperature Load Life at 105C 2,000 hrs D > 10mm Tan 1,000 hrs D = 8mm Leakage Current
160 10 ~ 82
200 250 400 10 ~ 68 3.3 ~ 47 2.2 ~ 22 -40 ~ +105C 20% (M) 0.03CV + 15A 0.02CV + 25A 0.20 0.20 0.20 0.25 3 3 3 6 6 6 6 10 Within 25% of initial measured value Less than 200% of specified value Less than the specified value
MAXIMUM ESR MAXIMUM RIPPLE CURRENT (mA rms AT 120Hz AND 105C) ( AT 120Hz AND 20C)
Working Voltage Cap. (F) 160 200 250 400 2.2 25 3.3 31 36 4.7 37 38 6.8 44 47 10 57 64 64 57 22 112 112 112 115 33 137 137 150 47 180 180 180 68 215 215 82 235 Cap. (F) 2.2 3.3 4.7 6.8 10 22 33 47 68 82 Working Voltage 160 200 250 400 188.5 100.5 125.7 70.6 88.2 48.8 61.0 33.2 33.2 33.2 41.5 15.1 15.1 15.1 18.8 10.1 10.1 10.1 7.1 7.1 7.1 4.9 4.9 4.0 -
STANDARD PRODUCTS AND CASE SIZES (mm)
Cap. (F) 2.2 3.3 4.7 6.8 10 22 33 47 68 82 Code 2R2 3R3 4R7 6R8 100 220 330 470 680 820 Working Voltage 160 200 250 8x10.8 8x10.8 8x10.8 8x10.8 10x10.8 10x10.8 12.5x14 12.5x14 12.5x14 12.5x14 12.5x14 16x17 16x17 16x17 16x17 16x17 16x17 16x17 400 8x10.8 10x10.8 10x10.8 12.5x14 12.5x14 16x17 -
DIMENSIONS (mm)
Case Size 8x10.8 10x10.8 12.5x14 16x17 D0.5 8.0 10.0 12.5 16.0 L max. A0.2 10.8 8.3 10.8 10.3 14.0 12.8 17.0 16.3 B0.2 8.3 10.3 12.8 16.3 I0.2 2.9 3.2 4.5 5.0 W 0.7~1.0 1.1~1.4 1.1~1.4 1.8~2.1 P0.2 3.2 4.6 4.6 7.0
D
W
0.3mm max.
+
I
I
-
L
P
A
PART NUMBER SYSTEM
NACV 100 M 200V 10x10.8 TR 13 F
RoHS Compliant 97% Sn (min.), 3% Bi (max.) 330mm (13") Reel Tape & Reel Size in mm Working Voltage Tolerance Code M=20%, K=10% Capacitance Code in F, first 2 digits are significant Third digit is no. of zeros, "R" indicates decimal for values under 10mF
B
Series
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
16
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NACV820M400V8X108TR13F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X